Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5328 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
4 / 26
Copyright © 2015, Injoinic Corp.
25
VSN
VSYS 电流采样负端
26
KEY
按键检测引脚,复用 WLED 照明功能。
27
VREG
芯片 3.1V 电压输出
28
BAT
电池供电节点
29
AGND
模拟地
30
VIN
VIN 充电电源检测引脚
31
VING
VIN 充电输入 PMOS 控制引脚
32
VBUS
VBUS 充电电源检测引脚
33
VBUSG
VBUS 充电输入 PMOS 控制引脚
34
VOUT2
VOUT2 放电负载智能检测引脚
35
VOUT2G
VOUT2 放电输出 NMOS 控制引脚
36
VOUT1G
VOUT1 放电输出 NMOS 控制引脚
37
VOUT1
VOUT1 放电负载智能检测引脚
38
DMA1
VOUT1 口手机快充智能识别 DM
39
DPA1
VOUT1 口手机快充智能识别 DP
40
DMA2
VOUT2 口手机快充智能识别 DM
41(EPAD)
GND
功率地和散热地,需要保持与 GND 良好接触



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com