Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
9 / 26
Copyright © 2015, Injoinic Corp.
IP5328 不支持同充同放,充电态下会关闭输出放电端口,防止输入的高压损坏被充电设备。
升压
IP5328 集成一个支持高压输出的同步开关转换器系统,支持 5V~12V 宽电压范围输出,负载
能力分别为 5V—3.1A,7V—2.4A,9V—2.0A,12V—1.5A。开关频率 375KHz。内置软启动功
能,防止在启动时的冲击电流过大引起故障,集成输出过流,短路,过压,过温等保护功能,确
保系统稳定可靠的工作。
升压系统输出电流可随温度自动调节,确保 IC 温度在设定温度以下。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com