Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5328 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
5 / 26
Copyright © 2015, Injoinic Corp.
2. IP 系列型号选择表
移动电源 IC
IC
型号
充放电
主要特点
封装
放电
充电
LED
灯数
照明灯
按键
I2C
DCP
USB C
QC 认证
规格
兼容
IP5303
1.0A
1.2A
1,2
√
√
-
-
-
-
eSOP8
IP5305
1.0A
1.2A
1,2,3,4
√
√
-
-
-
-
eSOP8
IP5306
2.4A
2.1A
1,2,3,4
√
√
-
-
-
-
eSOP8
IP5206
2A(Max)
1.5A
3,4,5
√
√
-
-
-
-
eSOP16
IP5108E
2.0A
1.0A
3,4,5
√
√
-
-
-
-
eSOP16
IP5108
2.0A
2.0A
3,4,5
√
√
√
-
-
-
eSOP16
IP5207
1.2A
1.2A
3,4,5
√
√
-
-
-
-
QFN24
IP5207T
1.2A
1.2A
1,2,3,4
√
√
√
√
-
-
QFN24
IP5109
2.1A
2.1A
3,4,5
√
√
√
-
-
-
QFN24
IP5209
2.4A
2.1A
3,4,5
√
√
√
√
-
-
QFN24
IP5219
2.4A
2.1A
1,2,3,4
√
√
√
√
√
-
QFN24
IP5310
3.1A
3.0A
1,2,3,4
√
√
√
√
√
-
QFN32
IP5312
15W
3.6A
2,3,4,5
√
√
√
√
-
-
QFN32
IP5318Q
18W
4.0A
2,3,4,5
√
√
√
√
-
√
QFN40
IP5318
18W
4.0A
2,3,4,5
√
√
√
√
√
√
QFN40
IP5322
18W
4.0A
1,2,3,4
√
√
√
√
-
√
QFN32
IP5328
18W
4.0A
1,2,3,4
√
√
√
√
√
√
QFN40
协议 IC
IC
型号
通
道
数
支持协议
封装
BC1.2
&
APPLE
QC3.0
&
QC2.0
FCP
SCP
AFC
SFCP
MTK
PE+
2.0&1.1
USB C
NTC
QC
认
证
PD3.0
IP2110
1
√
-
-
-
-
-
-
-
-
-
-
SOT23-5
IP2111
1
√
-
-
-
-
-
-
-
-
-
-
SOT23-6
IP2112
2
√
-
-
-
-
-
-
-
-
-
-
SOT23-6
IP2161
1
√
√
√
-
√
√
-
-
-
√
-
SOT23-6
IP2163
1
√
√
√
-
√
√
√
-
√
√
-
SOP8
IP2701
1
√
√
√
-
√
√
-
√
-
-
-
SOP8
IP2703
1
√
√
√
-
√
√
√
√
√
-
-
DFN10
IP2705
1
√
√
√
-
√
√
√
√
√
-
-
DFN12
IP2707
2
√
√
√
-
√
√
√
√
√
-
-
QFN16
IP2716
1
√
√
√
√
√
-
1.1
√
-
√
√
QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com