Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
7 / 26
Copyright © 2015, Injoinic Corp.
涓流充电电流
ITRKL
VIN=5V,BAT<1.5V
50
100
150
mA
VIN=5V,1.5V<=BAT<3.0V
100
250
400
mA
涓流截止电压
VTRKL
2.9
3
3.1
V
充电停充电流
ISTOP
200
300
400
mA
再充电阈值
VRCH
4.08
4.1
4.13
V
充电截止时间
TEND
20
24
27
Hour
升压系统
电池工作电压
VBAT
3.0
4.5
V
开 关 工 作 电 池 输
入电流
IBAT
VBAT=3.7V,VOUT=5.1V,fs=375KHz
3
5
mA
DC 输出电压
QC2.0
VOUT
VOUT=5V@1A
4.95
5.12
5.23
V
VOUT=9V@1A
8.75
9
9.25
V
VOUT=12V@1A
11.75
12
12.25
V
QC3.0
VOUT
@1A
4.95
12.25
V
QC3.0
Step
200
mV
输出电压纹波
ΔV
OUT
VBAT=3.7V,VOUT=5.0V,fs=375KHz
100
mV
升 压 系 统 供 电 电
Iout
VOUT=5V
3.1
A
VOUT=9V
2.0
A
VOUT=12V
1.5
A
升压系统效率
η
out
VBAT=3V,VOUT=5V,IOUT=2A
95
%
VBAT=3V,VOUT=9V,IOUT=2A
92
%
VBAT=3V,VOUT=12V,IOUT=1.5A
90.8
%
升 压 系 统 过 流 关
断电流
Ishut
VBAT=3.7V,输出采样电阻 10 毫欧
3.5
3.8
4.0
A
负 载 过 流 检 测 时
TUVD
输出电压持续低于 4.2V
30
ms
负 载 短 路 检 测 时
TOCD
输出电流持续大于 4.2A
150
200
us
控制系统
开关频率
fs
放电开关频率
325
375
425
KHz
充电开关频率
450
500
550
KHz
NMOS 导通电阻
rDSON
上管
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com