Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5328 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
2 / 26
Copyright © 2015, Injoinic Corp.
典型应用
IP5328
OTP
Bandgap
Micro-B
TYPE-A
DPC
VING
VIN
DMA1
DPA1
VOUT1G
VOUT1
DMA1
DPA1
VOUT1
GND
VIN
GND
VSN
VSP
LX
BAT
NTC
VREG
L1
L2
L3
RSET
LIGHT
KEY
VREG
2.2uH
AGND
10mOhm
EPAD
TYPE-C
VBUSG
VBUS
CC1
CC2
DMC
VBUS
CC1
CC2
DMC
DPC
GND
DMB
DPB
DPB
DMB
VSYS
TYPE-A
DMA2
DPA2
VOUT2G
VOUT2
DMA2
DPA2
VOUT2
GND
BST
VSET
RSET
BOOST & CHARGE
driver
ADC
VIN
VBUS
BAT
VIN
VBUS
VOUT1
VOUT2
VSN
VSP
BAT
RSET
SYSTEM
CONTROL
图 1 简化应用原理图(4 LED 指示电量)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com