Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP5328
Description  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
10 / 26
Copyright © 2015, Injoinic Corp.
USB C
IP5328 集成 USB C DRP 输入、输出识别接口,自动切换内置上下拉电阻,自动识别插入设备的充放
电属性。带有 Try.SRC 功能,当连接到对方为 DRP 设备时,可优先给对方充电。
当作为 DFP 工作时,对外输出可以设置 3A 三种电流能力信息;当作为 UFP 工作时,可识别出对方的
输出电流能力。
Rd
Ip_3P0
CC1/CC2
VREF1
VREF2
VREF3
VREG
上下拉能力
名称
Ip_3P0
330uA
Rd
5.1K
上拉 Ip 使能时的比较器阈值
下拉电阻 Rd 使能时的比较器阈值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com