Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 53 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 53 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 49Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 50Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
53
Block Diagram for Battery Temperature Measurement
CHARGER
TS
TS ADC
< VHTF
OR
> VLTF
en
stop
IRQ
RNTC
REG 58_[7:0]
and
REG 59_[3:0]
REG 82_[0]=1 &
(Charging or Power on)
REG 84_[1:0]
REG 84_[2]
ADC timing
Figure 9-23
AXP288 has built in current source that can be used to inject to external thermal sensor thru TS pin for temperature
reading. This current source has 4 level of current which can be programmed through REG 84H[5:4]. By default, the current
source will only be injected when ADC is going to read the temperature data. The ADC to read TS pin input is enabled by
setting REG 82H[0] to 1. However the current source switch can be programmed to always OFF or ON or only ON when charger
is charging through REG 84H[1:0].
Table 9-38
REG 84H
Bit
Description
R/W
Default
5-4
Current source from TS pin control:
00: 20uA; 01: 40uA; 10: 60uA; 11: 80uA
RW
11
1-0
Current source from TS pin on/off
enable bit [1:0]
00: off
01: on when charging battery, off
when not charging
10: on in ADC phase and off when
out of the ADC phase, for power
saving
11: always on
RW
10
Table 9-39
REG 82H
Bit
Description
R/W
Default
0
TS pin input to ADC enable
0: off, 1: on
RW
0
When the current source is injected to thermal sensor (NTC), it will create a voltage drop across NTC and this voltage will
be read by 12 bits ADC thru TS pin. The 12 bits code output of the ADC will then be stored in REG 58H (HSB 8) & REG 59H (LSB
4). The relation of TS pin voltage to 12 bits ADC output code is as below:
12 bits ADC output code = R_NTC(Ω) * REG 84[5:4]( μA) / (0.8 * 103).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com