Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 20 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 20 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 23Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 24Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
20
Addr
TWSI Slave Address (7 bits)
0x34
fSCK
Clock Operating Frequency
400
kHz
VIL
SCK/SDA Logic Low Voltage
SDA is Open drain pin
0.3*VCC
V
VIH
SCK/SDA Logic Low Voltage
0.7*VCC
V
tf
Clock Data Fall Time
2.2Kohm Pull High
60
ns
tr
Clock Data Rise Time
2.2Kohm Pull High
100
ns
VINT
VINT
Internal power supply for logic circuit
1.8
V
Related IO: PWRON
Rpull-up
Internal resister to VINT
50
100
KΩ
VIL
Logic Low Voltage
0.5
V
VIH
Logic High Voltage
1.3
2.1
V
Related IO: IRQ
VIL
Logic Low Voltage
IRQ is open drain output pin, pull up to
IO power (VIO) by 10KΩ
0.3
V
VIH
Logic High Voltage
0.7*VIO
VIO
V
Related IO: RSMRST_B
VIL
Logic Low Voltage
RSMRST_B is open drain output pin,
pull up to IO power (VIO) by 10KΩ
0.3
V
VIH
Logic High Voltage
0.7*VIO
VIO
V
Related IO: SUSPWRDACK
VIL
Logic Low Voltage
Input pin
0.5
V
VIH
Logic High Voltage
1.3
V
Ipull-down
Pull down current
15
μA
Related IO: DRAMPWROK
VIL
Logic Low Voltage
DRAMPWROK is push-pull output pin,
pull up to BUCK4 internal
0.3
V
VIH
Logic High Voltage
0.7*
VBUCK4
VBUCK4
V
Related IO: SLP_S0IX_B
VIL
Logic Low Voltage
Input pin
0.5
V
VIH
Logic High Voltage
1.3
V
Ipull-down
Pull down current
15
μA
Related IO: VCCAPWROK
VIL
Logic Low Voltage
VCCAPWROK is push-pull output pin,
pull up to BUCK4 internal
0.3
V
VIH
Logic High Voltage
0.7*
VBUCK4
VBUCK4
V
Related IO: COREPWROK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com