Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 67 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 67 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 64Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 65Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 66Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 67Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 68Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 69Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 70Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 71Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
67
4
Select the BUCK2/ 3 /5 Vrun register or Vsleep register
0:Vrun Register
1:Vsleep Register
RW
0
3
If SLP_S0IX_B go high and PLTRST_B status is low for 512ms, PMIC will do a cold reset
or not (Reset: power on reset)
0: don't cold reset
1: do a cold reset
RW
1
2
Cold reset Enable set bit
0:Disable
1:Enable
All power rails power down and then power up,64ms delay
RW
0
1
Power control register select
1-select buffer register, output value of
control register to buffer
0-select the control register
RW
0
0
Output buffer register value
1-outport to control register from buffer
Bit[1:0], self clear to 0 after output
RW
0
REG 15H: DLDO1 voltage control
Default:16H
Reset: System reset
Table 10-10
Bit
Description
R/W
Default
7-5
Reserved
RW
000
4-0
voltage setting Bit 4-0, default is 2.9V
0.7V-3.3V, 100mV/step
RW
16H
REG 16H: DLDO2 voltage control
Default:16H
Reset: System reset
Table 10-11
Bit
Description
R/W
Default
7-5
Reserved
RW
000
4-0
voltage setting Bit 4-0, default is 2.9V
0.7V-3.4V, 100mV/step
RW
10110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com