Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 64 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 64 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 62Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 64Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 65Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 66Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 67Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 68Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
64
0-Charger is not charging or charging is done; 1-Charger is charging
5
Battery presence indication
0-No Battery is connected to AXP288; 1-Battery is connected
R
4
REG 01H[5] valid flag
0- REG 01H[5] is invalid
1- REG 01H[5] is valid
Indicate whether Battery detected or not yet
R
3
Indicate battery safe mode
0-charger is not in battery safe mode; 1-charger is in battery safe mode
R
2:0 Reserved
R
REG 02H: Power up/down reason register
Reset: Power on reset
Table 10-4
Bit
Description
R/W
Default
7
Power on key override was the shutdown reason, write 1 to clear
R/W
0
6
SOC initiated cold off was the shutdown reason, write 1 to clear
R/W
0
5
PMIC UVLO threshold was the shutdown reason, write 1 to clear
R/W
0
4
Cold reset was the start up reason, write 1 to clear
R/W
0
3
SOC initiated Global Reset was the start up reason,
write 1 to clear
R/W
0
2
Battery insertion was the start up reason, write 1 to clear,
write 1 to clear
R/W
0
1
Charger insertion was the start up reason, write 1 to clear
R/W
0
0
Power on key was the start up reason, write 1 to clear
R/W
0
REG 03H: IC type no.
Default: 51H
Table 10-5
Bit
Description
R/W
5-4 Reserved
R
7-6
&
3-0
IC type No.
010001: IC is AXP288
Others: Reserved
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com