Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 85 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 85 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 82Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 83Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 84Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 85Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 86Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 87Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 88Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 89Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
85
3
VBUS from low go high IRQ, write 1 to it or VBUS from high go low will clear it
RW
0
2
VBUS from high go low IRQ, write 1 to it or VBUS from low go high will clear it
RW
0
1-0
Reserved
RW
0
REG 49H: IRQ Status 2
Default:00H
Reset: power on reset
Table 10-55
Bit
Description
R/W
Default
7
Battery append IRQ, write 1 to it or Battery remove will clear it
RW
0
6
Battery absent IRQ, write 1 to it or Battery append will clear it
RW
0
5
Battery maybe bad IRQ, write 1 to it or PMIC quit battery safe mode will clear it
RW
0
4
Quit battery safe mode IRQ, write 1 to it or The PMIC enter battery- safe mode will clear it
RW
0
3
Charger is charging IRQ, write 1 to it or charging is stop will clear it
RW
0
2
Battery charge done IRQ, write 1 to it or charger restart charging will clear it
RW
0
1-0
Reserved
REG 4AH: IRQ Status 3
Default:00H
Reset: power on reset
Table 10-56
Bit
Description
R/W
Default
7
CBTOIRQ, write 1 to it or Battery temperature drop to normal will clear it
RW
0
6
QCBTOIRQ, write 1 to it or Battery over temperature will clear it
RW
0
5
CBTUIRQ, write 1 to it or Battery temperature rise to normal will clear it
RW
0
4
QCBTUIRQ, write 1 to it or Battery under temperature will clear it
RW
0
3
WBTOIRQ, write 1 to it or Battery drop to temperature will clear it
RW
0
2
QWBTOIRQ, write 1 to it or Battery over temperature will clear it
RW
0
1
WBTUIRQ, write 1 to it or Battery rise to temperature will clear it
RW
0
0
QWBTUIRQ, write 1 to it or Battery under temperature will clear it
RW
0
REG 4BH: IRQ Status 4
Default:00H
Reset: Bit [7] reset is power on reset, Bit [6:0] reset is system reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com