Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 55 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 55 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
55
Logic Table:
Table 9-42
REG84H[2]
Function
REG82H[0]
ADC Enable
REG84H[1:0]
Current
Work mode
IRQ
Note
0
0
xx
TS
NO
0
1
00
TS
NO
0
1
01
TS
IRQ when in
Charging
all IRQ work
0
1
10/11
TS
IRQ all times
1
0
xx
GPADC
NO
TS function
disable
9.5 Multi-Power Outputs
BUCK1-6 are dual mode (PFM / PWM), by default is auto switch mode. All Buck and PWM charger are synchronized with
frequency of 3MHz (with spread spectrum option), hence small value external inductors and capacitors components can be
used.
All Buck and LDO have current limiting protection function. When the load current exceeds the current limit, the output
voltage will drop. Meanwhile, all of the Buck output voltage will be monitored. If the Buck output voltage is 15% lower than
the set value and BUCK 85% low voltage turn off PMIC function (REG 81H) is enabled, PMIC will automatically force a
shutdown and PWROK pin becomes low. Buck output voltage monitor de-bounce time setting is available at REG 8EH[7:6].
BUCK1-5 has DVM enable option. In DVM mode, when there is a change in the output voltage, BUCK will change to the
new targeted value step by step. If the application does not require use of any Buck, the LX pin can be left floating while VIN
and PGND need to be connected. PMIC will automatically detect this state to turn off the Buck.
Table 9-43
X-Powers
Intel
Input
Default Voltage
Max Current
Default State
Application
BUCK1
BUCK1
IPSOUT
1.0V
3A
on
VCC
BUCK2
BUCK2
IPSOUT
1.0V
1.8A
on
V1P0SX (BYT),
VNN (CHT)
BUCK3
BUCK3
IPSOUT
1.0V
2.5A
on
V1P0/1P05/A/S
BUCK4
BUCK4
IPSOUT
1.5/1.36/1.24V
2.5A
on
VDDQ
BUCK5
(Dual Phase)
BUCK5
IPSOUT
1.0V
6A
on
VNN (BYT),
VGG CHT)
BUCK6
BUCK6
IPSOUT
1.8V
3.3V(only for
1.5
on
V1P8A/S
V3P3A( only for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com