Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 8 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 8 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 5Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
8
3 Typical Application
VCC_ RTC
ALDO1
ALDO2
ALDO3
DLDO1
DLDO2
DLDO3
DLDO4
ELDO
3
ELDO
2
ELDO1
FLDO
3
FLDO
2
FLDO
1
ALDOIN
EP
BUCK1
VIN1
LX1
VIN5
BUCK2
VIN 2
LX 2
BUCK3
VIN3
LX3
BUCK6
VIN6
LX6
LX 5B
LX5A
BUCK5
BUCK4
VIN4
LX4
DLDOIN
ELDOIN
FLDOIN
LX_ CHG
SCK
SDA
IRQ
GPIO 1
PWRON
DP
TS
DM
SLP_S0IX_B
GPADC
VREF
COREPWROK
VINT
VBUS
BATSENSE
LOADSENSE
NTC10 K1 %
N_ BATDRV
IPSOUT
VIN_ CHG
BUCK4 SET
GND
GND
GND
GND
RSMRST _B
PLTRST_B
SUSPWRDACK
VCCAPWROK
DRAM PWROK
BUCK 3
BUCK 4
BUCK6
BUCK 1
BUCK 5
BUCK 2
1K
IO power
IPSOUT
VSYS
IPSOUT
IPSOUT
VSYS / IPSOUT
IPSOUT
10 uF
10 V
0603
10 uF
10 V
0603
10 uF
10 V
0603
10 uF
10 V
0603
10 uF
10 V
0603
10 uF
10 V
0603
10 uF
10 V
0603
10K
10 uF
10 V
0603
10 uF
10 V
0603
10 uF
10 V
0603
1 uF
10 V
0402
VBUS
10 uF
10 V
0603
CHGLED
VSYS /IPSOUT/Others
4.7uF
10 V
0603
4.7u F
10 V
0603
4.7u F
10 V
0603
4.7uF
10 V
0603
10 uF
6.3 V
0603
4* 22 uF
6.3 V
0603
3* 22 uF
6.3 V
0603
22 uF
6.3 V
0603
22 uF
6.3 V
0603
22 uF
6.3 V
0603
1uH
1uH
1uH
1uH
1uH
1uH
1uH
1uH
4.7u F
6.3 V
0402
1 0 u F
6.3 V
0402
4.7uF
6.3 V
0402
4.7u F
6.3 V
0402
4.7uF
6.3 V
0402
4.7u F
6.3 V
0402
4.7u F
6.3 V
0402
4.7u F
6.3 V
0402
4.7u
F
6.3 V
0402
4.7u F
6.3 V
0402
4.7u F
6.3 V
0402
4.7u F
6.3 V
0402
4.7u F
6.3 V
0402
4.7u F
6.3 V
0402
1.8V
1.8V
4.7u F /
Figure 3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com