Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 75 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 75 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 71Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 72Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 73Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 74Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
75
Run/Stop
Software writes 1 to this bit to start the BC Module operation. A transition from a zero to a
one would cause the reset on the BC Module logic.
If this bit = 1,when VBUS low go high, BC detection start automatically
REG 2DH: BC Module VBUS Control and Status Register
Default:30H
Reset: Power On reset
Table 10-31
Bit
Description
R/W
Default
7
Reserved
R
0
6
Indicate the first power on status
Software write 1 to this bit to indicate not first time power on
If Battery not present, and this bit is 0,the VBUS current limit set to 3A,for the F/W update in
factory
RW
0
5
DP/DM floating Detection enable
0:disable
1:enable
RW
1
4
DP/DM pull down enable
0:disable
1:enable
RW
1
3
RID detect enable
0:disable
1:enable
1,VBUS presence and REG_2C[0]=1,RID was enabled automatically,do not depend on this bit;
2,VBUS presence or in power on state,set this bit to 1 will enable RID detect
RW
0
2-0 Reserved
RW
0
REG 2EH: BC USB Status Register
Default:40H
Reset: Reset by the VBUS negative edge
Table 10-32
Bit
Description
R/W
Default
7
DB_Perform
Dead Battery Perform
Both BC Module and software write 1 to this bit to perform unconfig DBP clause and clean it to 0 to RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com