Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 63 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 63 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 62Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 64Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 65Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 66Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 67Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
63
E4
OCV Percentage of battery capacity
R
64H
E5
Coulomb meter percentage of battery capacity
R
64H
Address
Description
R/W
Default
E6
Battery capacity percentage warning level
RW
A0H
E8
Fuel gauge tuning control 0
RW
00H
E9
Fuel gauge tuning control 1
RW
00H
EA
Fuel gauge tuning control 2
RW
00H
EB
Fuel gauge tuning control 3
RW
00H
EC
Fuel gauge tuning control 4
RW
00H
ED
Fuel gauge tuning control 5
RW
00H
REG 00H: Power source status
Table 10-2
Bit
Description
R/W
7
Reserved
R
6
Reserved
R
5
VBUS presence indication
0- VBUS not presence (VBUS<3.5V)
1- VBUS presence (VBUS>4.1V)
R
4
Indication of VBUS valid (VBUS_Val)
R
3
VBAT>3.5V or not
R
2
Indication Battery current direction
0: Battery discharge
1: Charging battery
R
1
Reserved
R
0
STARTUP_TRIGGER: indicate the startup trigger is VBUS or not
0: startup trigger is not VBUS; 1: startup trigger is VBUS
R
REG 01H: Power mode and Charger status
Table 10-3
Bit
Description
R/W
7
Indication PMIC die over temperature or not
0-not over temperature; 1-over temperature
R
6
Charging indication
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com