Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 91 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 91 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 87Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 88Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 89Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 90Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 91Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 92Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 93Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 94Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 95Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
91
0
TS pin input to ADC enable
0: off, 1: on
RW
1
REG 84H: ADC speed setting, TS pin Control
Default:F2H
Reset: power on reset
Table 10-73
Bit
Description
R/W
Default
7-6
Current source from GPIO0 pin control:
00: 20uA; 01: 40uA; 10: 60uA; 11: 80uA
RW
11
5-4
Current source from TS pin control:
00: 20uA; 01: 40uA; 10: 60uA; 11: 80uA
RW
11
3
reserved
RW
0
2
TS pin function select:
0-TS pin is the battery temperature sensor input and will affect the charger
1-TS pin is an External input for ADC and do not affect the charger
RW
0
1-0
Current source
from TS pin on/off
enable bit [1:0]
00: off
01: on when charging battery, off when not charging
10: on in ADC phase and off when out of the ADC phase, for
power saving
11: always on
RW
10
REG 85H: ADC speed setting
Default:B0H
Reset: power on reset
Table 10-74
Bit
Description
R/W
Default
7
TS/GPIO0 ADC speed setting bit 1
100×2n
So Fs=25, 50, 100, 200Hz
RW
1
6
TS/GPIO0 ADC speed setting bit 0
RW
0
5
Vol/Cur ADC speed setting bit 1
100×2n
So Fs=100, 200, 400, 800Hz
RW
1
4
Vol/Cur ADC speed setting bit 0
RW
1
3
Reserved
2
GPIO0 ADC work mode
1:output current
0:not output current
RW
0
1-0
Reserved
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com