Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 30 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 30 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
30
Parameter
Description
Min
Typical
Max
Units
T2
V3P3A valid (90% level) to
RSMRST_B
de-assertion
if
SUSPWRDNACK is low
0
24
500
μs
T3
SUSPWRDNACK
de-assertion
(LOW) to RSMRST_B de-assertion
0
μs
T4
RSMRST_B
de-assertion
to
DRAMPWROK assertion
0
150
μs
T5
RSMRST_B
de-assertion
to
SLP_S0IX_B de-assertion
20
μs
T6
SLP_S0IX_B de-assertion to first
subsequent voltage rail start to
turn-on delay
0
24
150
ms
T7
Core rails valid to VCCAPWROK
and COREPWROK assertion
1
ms
T8
COREPWROK
assertion
to
PLTRST_B de-assertion
60
μs
Timing information
Table 9-5
N
Description
Min
Typical
Max
Units
1
Rail Ramp-Up Time from 10% to
90% voltage level
0.08
1
2
ms
2
Rail to Subsequent Rail Turn-On
Delay
0.5
1
2.05
ms
3
V3P3A valid to RSMRST_B
de-assertion
0
150
μs
4
VREFDQ valid (within +/-10% of
its final normal value) to
DRAMPWROK assertion
0
150
μs
5
RSMRST_B
de-assertion
to
SLP_S0IX_B de-assertion
20
μs
6
SLP_S0IX_B de-assertion to first
SX rail turn-on delay
0
8
16
ms
7
Core rails valid to VCCAPWEROK
and COREPWROK assertion
1
ms
8
COREPWROK
assertion
to
PLTRST_B de-assertion
60
μs
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com