Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 16 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 16 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
16
IBATOFF
OFF Mode Current
BAT=3.7V
40
μA
BUCK
fOSC
Oscillator Frequency
Default
3
MHz
L
Inductor value
1.0
μH
BUCK1
IVIN1
Input Current
PFM Mode
IBUCK1 =0
40
μA
Switch Current Limit of PMOS
PWM Mode
3900
mA
IBUCK1
Available Output Current
PWM Mode
3000
mA
VBUCK1
Output Voltage
0.5
1
1.3
V
COUT1
Output capacitor value
22
4*22
110
μF
BUCK2
IVIN2
Input Current
PFM Mode
IBUCK2 =0
40
μA
Switch Current Limit of PMOS
PWM Mode
2300
mA
IBUCK2
Available Output Current
PWM Mode
1800
mA
VBUCK2
Output Voltage
0.6
1
1.52
V
COUT2
Output capacitor value
22
22
66
μF
BUCK3
IVIN3
Input Current
PFM Mode
IBUCK3 =0
40
μA
Switch Current Limit of PMOS
PWM Mode
3000
mA
IBUCK3
Available Output Current
PWM Mode
2500
mA
VBUCK3
Output Voltage
0.6
1
1.52
V
COUT3
Output capacitor value
22
22
66
μF
BUCK4
IVIN4
Input Current
PFM Mode
IBUCK4 =0
40
μA
Switch Current Limit of PMOS
PWM Mode
3000
mA
IBUCK4
Available Output Current
PWM Mode
2500
mA
VBUCK4
Output Voltage
0.8
1.5
1.84
V
COUT4
Output capacitor value
22
22
66
μF
BUCK5 (Dual Phase)
IVIN5
Input Current
PFM Mode
IBUCK5 =0
50
μA
Switch Current Limit Per PMOS
PWM Mode
3900
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com