Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP288D Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 5Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
2
Revision History
Revision
Date
Description
Rev 1.0
2013.12.10
Version1.0 for Intel
Rev 1.01
2013.12.16
1. Table9-3, T0 change to 1000μs
2. Update table 9-41 and related register
3. Update table 9-43, add 4.35V OCV~percentage
Rev 1.02
2013.12.18
1. Add Pb free description
Rev 1.03
2013.12.20
1. Change the SCK/SDA pull high voltage to 1.8V in typical application
circuit
Rev 1.04
2014.1.24
1. Add power on interval description
2. Update table 10-92, change default value
3. Update table 10-77, remove bit[7] description
4. Change the capacitance of VCC_RTC to 10uF in typical application
circuit
5. Update table 10-74, remove bit[1:0] description
6. Update table 10-36, remove bit[2] description
7. Update table 10-32, add bit[6] description
8. Swap IRQ description in REG 43H/44H/4BH/4CH
9. Update table 10-89, remove bit[1:0] description
10. Add VBAT condition in power on source
11. Correct table 10-50 description
12. Update table 10-32, add bit[6] description
13. Update the hysteresis of temperature protection threshold
14. Update table 10-9, change bit[3] description
15. Update table 10-4, describe how to clear the indication
Rev 1.05
2014.2.13
1. Update QFN76 package description
2. Add QFN76 board layout example
3. Update table 10-106, correct bit[2:0] description
4. Correct OCV Percentage Table description
Rev 1.06
2014.5.23
1. Version change: Reg03H: 0x41 to 0x51
2. Reg14[3] default value change to 1
3. Use Reg14[7] as an enable bit for cold reset within global reset input
4. When BC module isn’t work, disable RID detection by default
5. Update section 9.1 / 9.1.1 / 9.4 / 9.4.2 / 9.4.5
6. Update RTC_LDO output capacitor’s value
7. Update Reg80 bit[7], bit[3],bit[1] description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com