Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288D Datasheet(PDF) 103 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 103 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 99Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 100Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 101Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 102Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 103Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 104Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 105Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 106Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 107Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
103
same direction as more than N times, then the ocv percentage increase or decrease)N:
00-4
01-8
10-1
11-2
3
Battery maximum capacity calibration start condition:
0-OCV percentage < (REG E6H[3:0] + 3)
1-OCV percentage < (REG E6H[3:0] + 6)
RW
0
2
Battery maximum capacity calibration end condition 0
0-OCV percentage ≥ 95%
1-OCV percentage = 100%
RW
0
1
Battery maximum capacity calibration end condition 1
0-wait for charge finished
1-do not wait for charge finished
RW
0
0
Battery maximum capacity calibration end condition 2
(wait Nms for the charge finished indication signal after REG 01H[6] clear to 0,N:
0-68 1-120
RW
0
REG EBH: Fuel gauge tuning control 3
Default:00H
Reset: Power on reset
Table 10-107
Bit
Description
R/W
Default
7
When charge status bit REG 01H[6] = 1,the percentage of indication can be decrease or
not
0-decrease enable
1-decrease disable
RW
0
6-4
When REG 01H[6] = 1,percentage of indication decrease hysteresis(N) setting
000-4%
001-5%
010-6%
011-7%
100-0%
101-1%
110-2%
111-3%
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com