Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 43 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 43 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 40Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 41Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 42Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 43Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 44Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 45Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 46Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 47Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
43
CHT exit Standby Sequence
Signals from SoC
SLP_S0IX_B
Buck2 - VNN
VBOOT
VSLEEP
Buck5 - VGG
0V
VBOOT
Buck1 - VCC
VBOOT
Buck3 – V1P05A/
V1P15
VSLEEP
VBOOT
0V
T0
T1
Vru1
Vru2
Figure 9-18
Table 9-18
Parameter
Description
Min
Typical
Max
Units
T0
SLP_S0IX_B assertion to voltage
rail starts to ramp up
0
8
100
μs
T1
VR to subsequent VR Turn-On
Delay for all VRs unless specified
otherwise
0
0.08
1
ms
Vru1
Buck2 voltage ramp-up slew rate
to VBOOT
2.5
10
mv/μs
Vru2
Buck3 voltage ramp-up slew rate
to VBOOT
2.5
10
mv/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com