Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 74 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 74 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 70Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 71Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 72Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 73Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 74Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
74
REG 2CH: BC Module Global Register
Default:00H
Reset: bit7 is system reset, bit[6:0] Power On reset
Table 10-30
Bit
Description
R/W
Default
7
DCD_SEL
DCD Detect Select
Software writes 1 to this bit to select DCD Detection during BC Detect.
RW
0
6-5
DCD_TIMEOUT_CTL
DCD Timeout Control
Software writes these fields to configure the DCD timeout value.
When the DCD_SEL is set, the BC Module read the MultValIdBc if pin contact has been
detected or the time defined on these fields has been expired .
When the DCD_SEL is not set, he BC Module read the MultValIdBc if the time defined on
these fields has been expired .
00: 300ms 01: 100ms
10: 500ms 11: 900ms
RW
0
4
Vlgc_Com_Sel
Vlgc Compare Select
Software writes 1 to this bit to choose the Vlgc compare during Primary Detect when the ID
pin is float.
When this bit is set, the BC Module is optionally allowed to compare D- with Vlgc beside the
Vdp_src comparing. The BC Module determine that it is attached to a DCP or CDP if D- is
greater than Vdat_ref, but less than Vlgc. Otherwise, the BC Module determine that it is
attached to a SDP, which may actually be a SDP, or a PS2 port, or a proprietary charge.
RW
0
3
DBP_Timeout_CTL
DBP Hardware Timeout Control
If this bit is set, the BC Module would clear the DB_Perform bit on the BC_USB_Sta_R
register after Tsvld_con_wkb when the DB_Perform bit is set.
Note: Tsvld_con_wkb = 45min
RW
0
2
BC_status
BC Detection status
Detection finish or not
1:Detecting,when starting BC Detect, set this bit
0:Detect finish
RW
0
1
Reserved
RW
0
0
RS
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com