Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 82 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 82 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 82Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 83Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 84Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 85Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 86Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
82
Reset: Power on reset
Table 10-45
Bit
Description
R/W
Default
7-0 VLTF-work setting, M
M*10H,M=FCH:3.226V;range is 0V-3.264V
RW
FCH
REG 3DH: VHTF-work setting
Default:16H
Reset: Power on reset
Table 10-46
Bit
Description
R/W
Default
7-0 VHTF-work setting, N
N*10H,N=16H:0.282V;range is 0V-3.264V
RW
16H
REG 40H: IRQ enable 1
Default:D8H
Reset: Power on reset
Table 10-48
REG 41H: IRQ enable 2
Default:FFH
Reset: Power on reset
Table 10-49
Bit
Description
R/W
Default
7
Battery append IRQ enable
RW
1
6
Battery absent IRQ enable
RW
1
5
Battery maybe bad IRQ enable
RW
1
Bit
Description
R/W
Default
7
Same as bit4
RW
1
6
Same as bit3
RW
1
5
Same as bit2
RW
0
4
VBUS over voltage IRQ enable
RW
1
3
VBUS from low go high IRQ enable
RW
1
2
VBUS from high go low IRQ enable
RW
0
1-0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com