Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 51 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 51 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 47Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 48Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 49Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 50Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
51
10: 25% 2Hz toggle
11: drive low
Bit 3
CHGLED pin control
0: controlled by REG 32H[5:4]
1: controlled by Charger
RW
0
Charge LED indicator
Table 9-32
CHGLED pin
Mode A
Mode B
Z (tri-state)
Not charging
Not charging due to
1. no external power source or
2. external power source is
insufficient and battery is
discharging
25% duty 1Hz (Z/Low)
Abnormality alarm due to
1. charger timeout or
2. IC temperature > warning
level 2)
Charging
25% duty 4Hz (Z/Low)
Overvoltage alarm ( VBUS > 6.3V)
Alarm due to
1. VBUS > 6.3V or
2. charger timeout or
3. IC temperature > warning
level 2)
Low
Charging
Not charging due to battery is fully
charged
9.4.5 Battery detection
When the VBATSENSE<2.2V, AXP288 judge it as battery is not present. When VBATSENSE goes higher than 2.2V, it
indicates battery present or is inserted. For the case of battery insertion or removal, IRQ will be asserted. Battery presence
status is indicated in REG01H[5]and the battery detection function can be set by REG 32H[6]. When charger insert, AXP288
will send a pulse to detect battery is present or not per 16 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com