Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 48 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 48 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 44Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 45Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 46Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 47Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 48Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 49Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 50Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
48
When REG 2CH[0] is set to 1, battery charger detection module will start to operate. Upon completion of the BC detection
(REG 2CH[2] = 0), AXP288 will automatically update the detection result onto REG 2FH[7:5]. If the BC detection result indicate
SDP, the current limit will be set to 500mA (900mA if it is USB 3) or else the current limit will follow the setting in REG
30H[1:0].
9.2.4 VBUS input overvoltage protection
VBUS to IPSOUT path have a regulator, target of 5.0V:
Table 9-27
Input power
IPSOUT
CHGLED
Contents
>7V
5V
Floating
PMIC shutdown
>6.3V
5V
2Hz toggle
Work normally
>5.06V
5V
Charge LED
<5.06
Vin-0.06V
Charge LED
<3.5V
Vin-0.06V
Charge LED
Invalid
9.2.5 VBUS insertion power up condition
The PMIC will start the boot sequence at the point of VBUS insertion. A VBUS insertion is detected from a rising voltage
on the VBUS node as long as it is larger than 4.1V. The existence of VBUS is stored in REG 00H[5]. The charger will start
charging immediately and automatically. If the battery level is above the battery boot threshold, the PMIC will continue the
boot process, otherwise the charger will continue charging until the battery boot threshold is reached, at this point the PMIC
will continue the boot process. Please refer to Section 9.1 for detail flow chart.
9.3 BC Detection Module
This section is primarily based on battery charging specification, for more information please refer to BC rev1.2
specifications. AXP288 is compatible with BC rev1.2 and can identify SDP/CDP/DCP except ACA The PMIC can detect the device
type without software activity.
Table 9-28
Device
Description
Compatible
SDP
Standard Downstream Port
PMIC can identify
CDP
Charging Downstream Port
PMIC can identify
DCP
Dedicated Charging Port
PMIC can identify
ACA
Accessory Charger Adapter
PMIC can’t identify
Please refer to REG36H for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com