Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 92 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 92 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 88Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 89Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 90Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 91Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 92Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 93Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 94Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 95Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 96Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
92
REG 8AH: Timer control
Default:00H
Reset: System reset
Table 10-75
Bit
Description
R/W
Default
7
Timer time out status
It indicate that timer time out when this bit from low go high
Write this bit to 1, will clear the status and the timer
RW
0
6-0
Set threshold of the timer
Write these 7 bits to all 0, will disable the timer
RW
0000000
REG 8EH: Buck output voltage monitor de-bounce time setting
Default:40H
Reset: Power on reset
Table 10-76
Bit
Description
R/W
Default
8E[7:6]
Buck output voltage monitor de-bounce time setting,
00-62us; 01-124us; 10-186us; 11-248us
RW
01
8E_[5:0]
Reserved
RW
00
REG 8FH: IRQ pin, hot-over shut down
Default:00H
Reset: Power on reset
Table 10-77
Bit
Description
R/W
Default
7
Reserved
RW
0
6-4
Reserved
3
The function control that 16s’ POK trigger power on reset: 0-disable; 1-enable
RW
0
2
The PMIC shut down or not when Die temperature is over the warning level 3
0-not shut down; 1-shut down
RW
0
1
Voltage recovery enable bit when AXP288 wakeup from REG31H[3]=1
0: recovery to the vboot
1: not recovery to the vboot
RW
0
0
Reserved
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com