Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 89 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 89 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 85Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 86Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 87Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 88Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 89Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 90Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 91Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 92Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 93Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
89
3-0
Average data bit[3:0] for Battery charge current
R
00
REG 7CH: Average data bit[11:4] for Battery discharge current
Default:00H
Reset: System reset
Table 10-68
Bit
Description
R/W
Default
7-0
Average data bit[11:4] for Battery discharge current
R
00
REG 7DH: Average data bit[3:0] for Battery discharge current
Default:00H
Reset: System reset
Table 10-69
Bit
Description
R/W
Default
7-4
Reserved
R
00
3-0
Average data bit[3:0] for Battery discharge current
R
00
REG 80H: Buck PWM/PFM mode select
Default:80H
Reset: system reset
Table 10-70
Bit
Description
R/W
Default
7
BUCK output over voltage turn off PMIC function enable:
0-disable; 1-enable
Suggest set this bit to 0 when performing Vrun going down to Vsleep
R/W
1
BUCK1/BUCK5
0.5~1.13V, 33.3%;
1.14~1.3V, 25%
BUCK2/BUCK3
0.6~1.36V, 33.3%;
1.37~1.52V, 25%
BUCK4
0.8~1.11V, 33.3%;
1.12~1.43V, 29%; 1.44~1.84V, 21.2%
BUCK6
1.6~2.3V, 21%;
2.4~3.1V, 17.6%;
3.2~3.4V, 11%
6
BUCK2 PFM/PWM control:
0: auto switch
1: always PWM
RW
0
5
BUCK3 PFM/PWM control:
0: auto switch
1: always PWM
RW
0
4
BUCK4 PFM/PWM control:
0: auto switch
1: always PWM
RW
0
3
BUCK1 PFM/PWM control:
0: auto switch
1: PSM/PWM
When this bit is set as ‘1’, refer to REG3B bit [4] for BUCK mode select
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com