Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 56 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 56 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 55Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 56Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 57Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
56
AXP288D)
AXP288D)
ELDO1
IPSOUT
1.8V
0.4A
on
V1P8A( only for
AXP288D)
ALDO3
LDO3
IPSOUT
3.3V
0.2A
on
V3P3A/S
FLDO1
LDO1
>1.2V
1.25V
0.3A
on
V1P2SX
FLDO2
LDO2
>1.2V
1.25V
0.1A
on
V1P2A/S
FLDO3
LDO5
>1.2V
VBUCK4/2
0.03A
on
VREFDQ
RTCLDO
LDO4
IPSOUT
3.0V
60mA
Always on
RTC
Both VINT and VCC_RTC input from IPSOUT. As long as any of the VBUS or BAT power exists, they will not power down.
VINT output is fixed at 1.8V, while VCC_RTC is fixed at 3.0V.
9.6 ADC
PMIC has a 12Bit SAR ADC. The ADC input range is 0V to 2.0475V, with is 0.5mV/step. Voltage and current ADC has
sampling frequency option of 800/400/200/100Hz. The relationship between input signal and data is listed below:
Table 9-44
Channel function
000H
STEP
FFFH
Condition
BAT voltage (BATSENSE)
0mV
1.1mV
4.5045V
Power On
Current offset
0mA
1mA
4.095A
Charging or power on
BAT discharge current
0mA
1mA
4.095A
Power on
Internal temperature
Charging or Power on
BAT charge current
0mA
1mA
4.095A
Charging or Power on
TS pin input
0mV
0.8mV
3.276V
Charging or Power on
GPIO0 pin input
0mV
0.8mV
3.276V
Power On
Current ADC measured the current through the 10mohm resistor between BATSENSE and LOADSENSE. For internal
temperature, internal logic will do the ADC data comparison with register set warning level for sending over-temperature
alarm or shutdown. To identify the battery current direction, the charge current and discharge current value will be compare
base on status of charger enable, battery present and VBUS present indication.
9.7 Fuel Gauge
The Fuel Gauge comprises 3 modules – Rdc calculation module; OCV (Open Circuit Voltage) and Coulomb counter module;
and calibration module. The Fuel Gauge system is able to export information about battery to application such as Battery
capacity percentage (REG B9H), Battery Voltage (REG 78H, REG 79H), Battery charging current (REG 7AH, REG 7BH), Battery
discharge current (REG 7CH, REG 7DH), Battery maximum capacity (REG E0H, REG E1H), Battery Rdc value (REG BAH, REG BBH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com