Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 78 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 78 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 74Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 75Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 76Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 82Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
78
0: IRQ pin is masked and IRQ can wakeup AW1660 when REG 31_[3] is 1
1: IRQ pin is normal and IRQ can’t wakeup AW1660 when REG 31_[3] is 1
3
Enable bit for the function that output power be waked up by IRQ source, or IRQ pin, or
REG 31_[5], etc. write 1 to this bit will clear itself
0: function is disable
1: function is enable
RW
0
2
VOFF setting bit 2
000-2.6V; 001-2.7V; 010-2.8V;
011-2.9V; 100-3.0V; 101-3.1V;
110-3.2V; 111-3.3V
RW
0
1
VOFF setting bit 1
RW
1
0
VOFF setting bit 0
RW
1
REG 32H: Power Disable, BAT detect and CHGLED pin control
Default:4XH
Reset: Bit 7 reset signal is system reset, and Bit [6:0] reset signal is Power on reset
Table 10-36
Bit
Description
R/W
Default
7
Reserved
6
Battery detection function control: 0-disable; 1-enable
RW
1
5-4
CHGLED pin control
00: Hi-Z
01: 25% 0.5Hz toggle
10: 25% 2Hz toggle
11: drive low
RW
00
3
CHGLED pin control
0: controlled by REG 32H[5:4]
1: controlled by Charger
RW
0
2
Reserved
RW
0
1-0
control bit for Delay time between PWROK signal and power good time
00: 8ms; 01: 16ms; 10: 32ms; 11: 64ms
RW
11
REG 33H: Charger Control 1
Default:CXH
Reset: Bit [7] reset is system reset, Bit [6:0] reset is power on reset
Table 10-37
Bit
Description
R/W
Default
7
Charger enable control
0-disable, 1-enable
RW
1
6-5
Charger target voltage setting
00: 4.10V; 01: 4.15V; 10: 4.2V; 11: 4.35V
RW
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com