Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 11 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 11 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
11
N um
Name
Type
Condition
Description
28
LX1
IO
Inductor Pin for BUCK1
29
BUCK1
I
BUCK1 feedback pin
30
GND
G
GND for internal analog circuit
31
DP
I
Charger detection, USB D+
32
DM
I
Charger detection, USB D-
33
ALDO1
O
Output pin of ALDO1
34
ALDO2
O
Output pin of ALDO2
35
TS
I
Battery Temperature Sensor Input or an External ADC Input
36
ALDO3
O
Output pin of ALDO3
37
ALDOIN
PI
ALDO input source
38
VREF
O
Internal reference voltage
39
GPIO1
IO
General purpose I/O or LDO by REG92H. When it's digital input,
the logic high level is 1.5V, and the logic low level is 0.5V
typically. When it's digital output, the logic high level is decided
by REG93H.
40
GPADC
I
General purpose I/O/ADC input or LDO by REG90H. When it's
digital input, the logic high level is 1.5V, and the logic low level
is 0.5V typically. When it's digital output, the logic high level is
decided by REG91H.
41
LX5A
IO
Inductor Pin for BUCK5 phase A
42
LX5A
IO
Inductor Pin for BUCK5 phase A
43
VIN5
PI
BUCK5 input source
44
VIN5
PI
BUCK5 input source
45
VIN5
PI
BUCK5 input source
46
BUCK5
I
BUCK5 feedback pin
47
LX5B
IO
Inductor Pin for BUCK5 phase B
48
LX5B
IO
Inductor Pin for BUCK5 phase B
49
GND
G
GND for internal analog circuit
50
COREPWROK
O
Power Good pin, push-pull output , and pull to VCC_RTC
internal. COREPWROK is an active high dedicated output signal.
COREPWROK asserts when all voltage rails to the SOC that are
supposed to be on in S0 and S0IX states are within 15% of its
nominal voltage
51
SCK
I
2.2KΩ
Pull High
Clock pin for serial interface, need a 2.2KΩ Pull High.
52
SDA
IO
2.2KΩ
Pull High
Data pin for serial interface, need a 2.2KΩ Pull High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com