Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 15 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 15 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
15
8 Electrical Characteristics
Table 8-1
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
VBUS
VIN
VBUS Input Voltage
3.5
7
V
IOUT
VOUT Current Available Before Loading
BAT
100
500
4000
mA
VUVLO
VBUS Under Voltage Lockout
3.5
V
VOUT
IPSOUT Output Voltage
2.9
5.0
V
RVBUS
Internal Ideal Diode On Resistance
VBUS to IPSOUT
80
mΩ
Battery Charger
VTRGT
BAT Charge Target Voltage
4.1
4.2
4.35
V
ICHRG
Charge Current
200
1200
2800
mA
ITRKL
Trickle Charge Current Ratio to ICHRG
10%
mA
VTRKL
Trickle Charge Threshold Voltage
3.0
V
ΔVRECHG
Recharge Battery Threshold Voltage
Threshold Voltage Relative
to VTARGET
-100
mV
TTIMER1
Charger Safety Timer Termination Time
Trickle Mode
40
50
70
min
TTIMER2
Charger Safety Timer Termination Time
CC Mode
360
480
720
min
IEND
End of Charge Indication Current Ratio
to ICHRG
CV Mode
10%
10%
20%
mA
ITOLER
The tolerance of charge current
ICHRG = 0.2A - 2.8A
±3%
±5%
±10%
mA
VTOLER
The tolerance of charge target voltage
±0.5%
V
NTC
VLTF-work
Cold Temperature Fault Threshold
Voltage For Battery Work
0
3.226
3.264
V
VHTF-work
Hot Temperature Fault Threshold
Voltage For Battery Work
0
0.282
3.264
V
VLTF-charge
Cold Temperature Fault Threshold
Voltage For Battery Charge
0
2.112
3.264
V
VHTF-charge
Hot Temperature Fault Threshold
Voltage For Battery Charge
0
0.397
3.264
V
Off Mode Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com