Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 17 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 17 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
17
IBUCK5
Available Output Current
PWM Mode
6000
mA
VBUCK5
Output Voltage
0.5
1
1.3
V
COUT5
Output capacitor value
44
3*22
132
μF
BUCK6
IVIN6
Input Current
PFM Mode
IBUCK6 =0
40
μA
Switch Current Limit of PMOS
PWM Mode
2000
mA
IBUCK6
Available Output Current
PWM Mode
1500
mA
VBUCK6
Output Voltage
(3.3V for AXP288D)
1.6
1.8
3.4
V
COUT6
Output capacitor value
22
22
66
μF
RTCLDO (always on)
VRTCLDO
Output Voltage
IRTCLDO=1mA
3
V
IRTCLDO
Output Current
60
mA
ALDO1
VALDO1
Output Voltage
IALDO1=1mA
0.7
1.2
3.3
V
IALDO1
Output Current
500
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VALDO1=3V,f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VALDO1=1.8V,IALDO1=10mA
40
μVRMS
ALDO2
VALDO2
Output Voltage
IALDO2=1mA
0.7
3.3
V
IALDO2
Output Current
300
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VALDO2=3V, f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VALDO2=1.8V,IALDO2=10mA
40
μVRMS
ALDO3
VALDO3
Output Voltage
IALDO1=1mA
0.7
3.3
3.3
V
IALDO3
Output Current
200
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VALDO3=3V, f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VALDO3=1.8V,IALDO3=10mA
40
μVRMS
DLDO1
VDLDO1
Output Voltage
IDLDO1=1mA
0.7
3.3
V
IDLDO1
Output Current
500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com