Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP288C Datasheet(PDF) 36 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 36 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 38Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 40Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
36
Parameter
Description
Min
Typical
Max
Units
T3
VCCAPWROK and COREPWROK
de-assertion to first VR starts to
turn off
0
150
μs
T4
Rail Ramp-down Time from 90%
to 10% voltage level
0.5
1
2
ms
T5
Rail to Subsequent Rail Turn-Off
Delay
0.5
1
3
ms
T6
DRAMPWROK de-assertion to
RSMRST_B assertion
150
μs
9.1.4 Cold Reset and Global reset
Reset types:
•
Global reset: partial power down followed by power up
•
Cold reset: full power down followed by power up
There are two special scenarios where a cold reset can be enabled by having the SoC either initiate a cold off or a cold reset in
conjunction with a bit in the PMIC being set. These two bits are the COLDRSTEN1 and COLDRSTEN bits as defined below.
Table 9-9
BIT
NAME
FUNCTION
DEFAULT
D[7:2]
RSVD
Reserved
0
D[1]
COLDRSTEN1
Sets whether a global reset or cold reset is
done when a global reset is initiated by the SoC
0 – COLD RESET not enabled
1 – COLD RESET enabled
0
D[0]
COLDRSTEN
Sets whether a cold off or cold reset is done
when a cold off is initiated by the SoC
0 – COLD RESET not enabled
1 – COLD RESET enabled
0
Cold Reset scenario 1:
The diagram below shows the first special case of a cold reset being enabled based on a cold off and the PMIC register bit
being set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com