Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 46 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 46 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 42Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 43Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 44Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 45Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 46Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 47Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 48Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 49Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 50Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 130 page
background image
NUC505
July. 26, 2018
Page 46 of 130
Rev.1.08
45
MIC_BIAS
A
MFP0
CODEC left line-in channel or Microphone bias.
46
VDD12
A
MFP0
Power supply for I/O ports, DC 1.2V
47
PD.4
I/O
MFP0
General purpose digital I/O pin.
RLINEIN
A
MFP1
CODEC right line-in channel.
48
AVDDADC
A
MFP0
Power supply for analog SAR-ADC, DC 3.3V.
49
AVSSADC
A
MFP0
Ground pin for analog SAR-ADC.
50
PA.0
I/O
MFP0
General purpose digital I/O pin.
ADC_CH0
A
MFP1
ADC channel 0 analog input.
51
PA.1
I/O
MFP0
General purpose digital I/O pin.
ADC_CH1
A
MFP1
ADC channel 1 analog input.
52
PA.2
I/O
MFP0
General purpose digital I/O pin.
ADC_CH2
A
MFP1
ADC channel 2 analog input.
I2S_MCLK
O
MFP2
I
2S master clock output pin.
53
PA.3
I/O
MFP0
General purpose digital I/O pin.
ADC_CH3
A
MFP1
ADC channel 3 analog input.
I2S_DI
I
MFP2
I
2S data input.
54
PA.4
I/O
MFP0
General purpose digital I/O pin.
ADC_CH4
A
MFP1
ADC channel 4 analog input.
I2S_DO
O
MFP2
I
2S data output.
55
VDD12
A
MFP0
Power supply for I/O ports, DC 1.2V
56
PB.10
I/O
MFP0
General purpose digital I/O pin.
SPI1_SS
O
MFP1
SPI1 slave select pin.
I2C1_SCL
O
MFP2
I2C1 clock pin.
UART2_TXD
O
MFP3
Data transmitter output pin for UART2.
PWM_CH0
I/O
MFP4
PWM channel0 output/capture input.
57
PB.11
I/O
MFP0
General purpose digital I/O pin.
SPI1_CLK
O
MFP1
SPI1 serial clock pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com