Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 54 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 54 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 50Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 51Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 52Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 53Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 54Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 55Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 56Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 57Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 58Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 130 page
background image
NUC505
July. 26, 2018
Page 54 of 130
Rev.1.08
4.3.7
NuMicro
® NUC505YO13Y QFN 88-pin Description
MFP* = Multi-function pin. (Refer to section SYS_GPx_MFPL and SYS_GPx_MFPH)
PA.0 MFP0 means SYS_GPA_MFPL[2:0]=0x0.
PA.9 MFP5 means SYS_GPA_MFPH[6:4]=0x5.
Pin No.
Pin Name
Type
MFP
Description
1
nRESET
I
MFP0
External reset input: active LOW, with an internal pull-up. Set
this pin low reset to initial state.
2
ICE_CLK
O
MFP0
Serial wired debugger clock pin. (In ICE mode)
PD.0
I/O
MFP0
General purpose digital I/O pin.
I2C0_SCL
O
MFP2
I2C0 clock pin.
3
ICE_DAT
I/O
MFP0
Serial wired debugger data pin. (In ICE mode)
PD.1
I/O
MFP0
General purpose digital I/O pin.
I2C0_SDA
I/O
MFP2
I2C0 data input/output pin.
4
PB.13
I/O
MFP0
General purpose digital I/O pin.
SPI1_MISO
I
MFP1
SPI1 MISO (Master In, Slave Out) pin.
USBH1_D-
I/O
MFP2
USB host-lite 1 differential signal D-.
UART2_nRTS
O
MFP3
Request to Send output pin for UART2.
PWM_CH3
I/O
MFP4
PWM channel3 output/capture input.
5
PB.14
I/O
MFP0
General purpose digital I/O pin.
USBH1_D+
I/O
MFP1
USB host-lite 1differential signal D+.
I2C1_SCL
O
MFP2
I2C1 clock pin.
6
PB.15
I/O
MFP0
General purpose digital I/O pin.
USBH1_D-
I/O
MFP1
USB host-lite 1 differential signal D-.
I2C1_SDA
I/O
MFP2
I2C1 data input/output pin.
7
PC.0
I/O
MFP0
General purpose digital I/O pin.
SD_CMD
I
MFP1
SD/SDH mode
– command/response.
8
PC.1
I/O
MFP0
General purpose digital I/O pin.
SD_CLK
O
MFP1
SD/SDH mode
– clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com