Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 81 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 81 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 78Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 79Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 80Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 81Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 82Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 83Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 84Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 85Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 130 page
background image
NUC505
July. 26, 2018
Page 81 of 130
Rev.1.08
6.2.9
Nested Vectored Interrupt Control (NVIC)
The NVIC and the processor core interface are closely coupled to enable low latency interrupt
processing and efficient processing of late arriving interrupts. The NVIC maintains knowledge of the
stacked, or nested, interrupts to enable tail-chaining of interrupts. Users can only fully access the
NVIC from privileged mode, but this may cause interrupts to enter a pending state in user mode if
enabling the Configuration and Control Register. Any other user mode access causes a bus fault.
Users can access all NVIC registers using byte, halfword, and word accesses unless otherwise stated.
NVIC registers are located within the SCS (System Control Space). All NVIC registers and system
debug registers are little-endian regardless of the endianness state of the processor.
An implementation-defined number of interrupts, in the range 1-240 interrupts.
A programmable priority level of 0-16 for each interrupts. A higher level corresponds to a
lower priority, so level 0 is the highest interrupt priority.
Level and pulse detection of interrupt signals.
Dynamic reprioritization of interrupts.
Grouping of priority values into group priority and subpriority fields.
Interrupt tail-chaining.
An external Non Maskable Interrupt (NMI)
WIC, providing Power-down mode support.
The processor automatically stacks its state on exception entry and unstacks this state on exception
exit, with no instruction overhead. This provides low latency exception handling.
Exception Model and System Interrupt Map
6.2.9.1
The following table lists the exception model supported by NUC505 series. Software can set 16 levels
of priority on some of these exceptions as well as on all interrupts. The highest user-configurable
priority is denoted as “0x00” and the lowest priority is denoted as “0xF0” (The 4-LSB always 0). The
default priority of all the user-
configurable interrupts is “0x00”. Note that priority “0” is treated as the
fourth priority on the system, after three system exceptions “Reset”, “NMI” and “Hard Fault”.
When any interrupts is accepted, the processor will automatically fetch the starting address of the
interrupt service routine (ISR) from a vector table in memory. On system reset, the vector table is fixed
at address 0x00000000. Privileged software can write to the VTOR to relocate the vector table start
address to a different memory location, in the range 0x00000080 to 0x3FFFFF80,
The vector table contains the initialization value for the stack pointer on reset, and the entry point
addresses for all exception handlers. The vector number on previous page defines the order of entries
in the vector table associated with exception handler entry as illustrated in previous section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com