Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 99 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 99 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 95Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 96Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 97Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 98Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 99Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 100Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 101Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 102Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 103Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 130 page
background image
NUC505
July. 26, 2018
Page 99 of 130
Rev.1.08
I
2S Controller with Internal Audio CODEC (I2S)
6.14
6.14.1 Overview
The I
2S controller consists of I2S protocol interface to internal audio CODEC and supports to use
external audio CODEC. The I
2S controller includes two 16 words FIFO for transfer path and
receiver path respectively and is capable of handling 8, 16, 24, or 32 bits word sizes sample.
The structure of internal audio CODEC is a delta-sigma 24-bit CODEC with microphone input,
audio line-in input, and headphone output.
6.14.2 Features
I
2S Controller
Supports Master mode and Slave mode
Capable of handling 8-, 16-, 24- and 32-bit word sizes sample
Supports Mono and Stereo audio data
Supports I
2S and most significant bit (MSB) justified data format
Supports PCM-A and PCM-B data format
Provides two 16 words FIFO, one for transmitting and the other for receiving
Generates interrupt requests when FIFO levels cross a programmable boundary
Supports TX DMA function for transmitting and RX DMA function receiving
Supports RX Data Power Measurement
Supports connecting to external audio CODEC
Internal CODEC
Supports mono microphone input and stereo audio line-in input
Supports stereo headphone output
Supports stereo and mono mode
Features of ADC
─
Total-Harmonic-Distortion with Noise (THD+N): -80 dB
─
Dynamic-Range (DR) and Signal-to-Noise ratio (SNR): 90 dB (A-Weighted)
Features
of DAC (headphone out with 32Ω loading)
─
Total-Harmonic-Distortion with Noise (THD+N): -60 dB
─
Dynamic-Range (DR) and Signal-to-Noise ratio (SNR): 93 dB (A-Weighted)
Supports sampling rate with 8 kHz, 11.025 kHz, 12 kHz, 16 kHz, 22.05 kHz, 24 kHz, 32
kHz, 44.1 kHz, 48 kHz, and 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com