Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 52 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 52 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 48Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 49Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 50Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 51Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 52Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 53Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 54Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 55Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 56Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
NUC505
July. 26, 2018
Page 52 of 130
Rev.1.08
40
VSS
A
MFP0
Ground.
41
AVDDHP
AP
VDD
Power supply for analog CODEC headphone, DC 3.3V.
42
LHPOUT
A
MFP0
Headphone left channel output pin.
43
RHPOUT
A
MFP0
Headphone right channel output pin.
44
AVSSHP
A
MFP0
Ground for analog CODEC headphone.
45
VMID
A
MFP0
Headphone reference power.
46
AVDDCODEC
A
MFP0
Power supply for analog CODEC, DC 3.3V.
47
AVDDADC
A
MFP0
Power supply for analog SAR-ADC, DC 3.3V.
48
AVSSADC
A
MFP0
Ground pin for analog SAR-ADC.
49
PA.0
I/O
MFP0
General purpose digital I/O pin.
ADC_CH0
A
MFP1
ADC channel 0 analog input.
50
PA.1
I/O
MFP0
General purpose digital I/O pin.
ADC_CH1
A
MFP1
ADC channel 1 analog input.
51
PA.2
I/O
MFP0
General purpose digital I/O pin.
ADC_CH2
A
MFP1
ADC channel 2 analog input.
I2S_MCLK
O
MFP2
I
2S master clock output pin.
52
PA.3
I/O
MFP0
General purpose digital I/O pin.
ADC_CH3
A
MFP1
ADC channel 3 analog input.
I2S_DI
I
MFP2
I
2S data input.
53
PA.4
I/O
MFP0
General purpose digital I/O pin.
ADC_CH4
A
MFP1
ADC channel 4 analog input.
I2S_DO
O
MFP2
I
2S data output.
54
PA.5
I/O
MFP0
General purpose digital I/O pin.
ADC_CH5
A
MFP1
ADC channel 5 analog input.
55
PA.6
I/O
MFP0
General purpose digital I/O pin.
ADC_CH6
A
MFP1
ADC channel 6 analog input.
56
PA.7
I/O
MFP0
General purpose digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com