Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 14 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 14 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 12Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 13Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 14Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 15Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 16Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 17Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
NUC505
July. 26, 2018
Page 14 of 130
Rev.1.08
3
ABBREVIATIONS
Abbreviations
3.1
Acronym
Description
ADC
Analog-to-Digital Converter
APB
Advanced Peripheral Bus
AHB
Advanced High-Performance Bus
DMA
Direct Memory Access
FIFO
First In, First Out
FPU
Floating Point Unit
GPIO
General-Purpose Input/Output
HCLK
The Clock of Advanced High-Performance Bus
HXT
12 MHz External High Speed Crystal Oscillator
ICP
In Circuit Programming
ISP
In System Programming
LDO
Low Dropout Regulator
LIN
Local Interconnect Network
LIRC
32.768 kHz Internal Low Speed RC Oscillator
LXT
32.768 kHz External Low Speed Crystal Oscillator
LVD
Low Voltage Detection
MPU
Memory Protection Unit
NVIC
Nested Vectored Interrupt Controller
PCLK
The Clock of Advanced Peripheral Bus
PLL
Phase-Locked Loop
PWM
Pulse Width Modulation
SD
Secure Digital
SPI
Serial Peripheral Interface
SPIM
Serial Master Interface Controller
SPS
Samples per Second
TMR
Timer Controller
UART
Universal Asynchronous Receiver/Transmitter
USB
Universal Serial Bus
WDT
Watchdog Timer
WWDT
Window Watchdog Timer
Table 3.1-1 List of Abbreviations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com