Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 79 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 79 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 78Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 79Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 80Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 81Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 82Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 83Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
NUC505
July. 26, 2018
Page 79 of 130
Rev.1.08
6
USBH
6
SDH
8 (Highest)
I
2S
Table 6.2-3 AHB Bus Priority Order in Fixed Priority Mode If two or more master modules request to
access AHB bus at the same time, the higher priority request will get the permission to access AHB
bus.
Priority Sequence
(PRISEL = 0)
AHB Bus Priority
1 (Lowest)
Cortex-M4 I
2
Cortex-M4 D
3
Cortex-M4 System
4
SPIM
5
USBD
6
USBH
6
SDH
8 (Highest)
I
2S
Table 6.2-3 AHB Bus Priority Order in Fixed Priority Mode
The SPI flash controller normally has the lowest priority (except CPU interface) under the fixed priority
mode. The NUC505 provides a mechanism to raise the priority of CPU request to the highest. If the
CPUHPRI bit (bit-4 of SYS_AHBCTL control register) is set to 1, the PRISTS bit (bit-5 of
SYS_AHBCTL control register) will be automatically set to 1 while an unmasked external IRQ occurs.
Under this circumstance, the ARM core will become the highest priority to access AHB bus.
The programmer can recover
the original priority order by directly writing “1” to clear the PRISTS bit.
For example, this can be done that at the end of an interrupt service routine. Note that PRISTS only
can be automatically set to 1 by an external interrupt when CPUHPRI = 1. It will not take effect for a
programmer to directly write 1 to PRISTS
to raise ARM core’s AHB priority.
Round Robin Priority Mode
6.2.7.2
Round-robin priority mode is selected if PRISEL = 1. The AHB bus arbiter uses a round robin
arbitration scheme for every master module to gain the bus ownership in turn. That is the requestor
having the highest priority becomes the lowest-priority requestor after it has been granted access.
Rotate rule Example
6.2.7.3
In the default sequence of AHB Master Bus, the priority is I
2S>SDH > USBH > USBD >SPIM >M4(S) >
M4(D) > M4(I).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com