Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 26 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 26 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 22Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 23Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 24Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 25Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 26Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 27Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 28Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 29Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 130 page
background image
NUC505
July. 26, 2018
Page 26 of 130
Rev.1.08
21
PB.2
I/O
MFP0
General purpose digital I/O pin.
SPI0_SS
O
MFP1
SPI0 slave select pin.
SD_CMD
I
MFP4
SD/SDH mode
– command/response.
22
PB.3
I/O
MFP0
General purpose digital I/O pin.
SPI0_CLK
O
MFP1
SPI0 serial clock pin.
SD_CLK
O
MFP4
SD/SDH mode
– clock.
SYSCFG[2]
I
MFP0
System configuration setting bit 2.
23
PB.4
I/O
MFP0
General purpose digital I/O pin.
SPI0_MOSI
O
MFP1
SPI0 MOSI (Master Out, Slave In) pin.
SYSCFG[3]
I
MFP0
System configuration setting bit 3.
24
PB.5
I/O
MFP0
General purpose digital I/O pin.
SPI0_MISO
I
MFP1
SPI0 MISO (Master In, Slave Out) pin.
SD_nCD
I
MFP4
SD/SDH mode
– card detect.
25
USB_VBUS33
I
MFP0
Detects whether USB is plug-in.
26
VSS
A
MFP0
Ground
27
AVDDHP
A
MFP0
Power supply for analog CODEC headphone, DC 3.3V.
28
LHPOUT
A
MFP0
Headphone left channel output pin.
29
RHPOUT
A
MFP0
Headphone right channel output pin.
30
AVSSHP
A
MFP0
Ground for analog CODEC headphone.
31
VMID
A
MFP0
Headphone reference power.
32
AVDDCODEC
A
MFP0
Power supply for analog CODEC, DC 3.3V.
33
MIC0_P
A
MFP0
Microphone 0 positive input.
34
MIC0_N
A
MFP0
Microphone 0 negative input.
35
MIC_BIAS
A
MFP0
CODEC left line-in channel or Microphone bias.
36
VDD12
A
MFP0
Power supply for I/O ports, DC 1.2V
37
PD.4
I/O
MFP0
General purpose digital I/O pin.
RLINEIN
A
MFP1
CODEC right line-in channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com