Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 93 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 93 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 89Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 90Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 91Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 92Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 93Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 94Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 95Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 96Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 97Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 130 page
background image
NUC505
July. 26, 2018
Page 93 of 130
Rev.1.08
Real Time Clock (RTC)
6.9
6.9.1
Overview
The Real Time Clock (RTC) block can be operated by independent power supply while the
system power is off. The RTC uses a 32.768 kHz external crystal (LXT) or internal oscillator
(LIRC), and offers programmable time tick and alarm match interrupts. The data format of time
and calendar messages are expressed in BCD format. A digital frequency compensation feature
is available to compensate the frequency accuracy of external crystal oscillator (LXT) or internal
oscillator (LIRC).
The RTC controller also offers 32 bytes spare registers to sto
re user’s important information.
The wake-up signal is used to wake the system from Idle mode, Power-down mode and Deep
Power-down mode.
6.9.2
Features
Supports real time counter in RTC_TIME (hour, minute, second) and calendar counter in
RTC_CAL (year, month, day) for RTC time and calendar check
Supports alarm time (hour, minute, second) and calendar (year, month, day) settings in
RTC_TALM and RTC_CALM
Selectable 12-hour or 24-hour time scale in RTC_CLKFMT register
Supports Leap Year indication in RTC_LEAPYEAR register
Supports Day of the Week counter in RTC_WEEKDAY register
Frequency of RTC clock source compensate by RTC_FREQADJ register
All time and calendar message expressed in BCD format
Supports periodic RTC Time Tick interrupt with 8 period interval options 1/128, 1/64, 1/32,
1/16, 1/8, 1/4, 1/2 and 1 second
Supports RTC Time Tick and Alarm Match interrupt
Supports chip wake-up from Idle mode, Power-down mode and Deep Power-down mode
while a RTC interrupt signal is generated
Supports 32 bytes spare registers and these registers values are preserved when RTC
power domain is existed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com