Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 92 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 92 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 88Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 89Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 90Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 91Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 92Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 93Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 94Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 95Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 96Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 130 page
background image
NUC505
July. 26, 2018
Page 92 of 130
Rev.1.08
Watchdog Timer (WDT)
6.7
6.7.1
Overview
The Watchdog Timer is used to perform a system reset when system runs into an unknown state.
This prevents system from hanging for an infinite period of time. Besides, the Watchdog Timer
supports the function to wake up system from Power-down mode.
6.7.2
Features
18-bit free running up counter for Watchdog Timer time-out interval.
Selectable time-out interval (2
4 ~ 218) WDT_CLK cycle and the time-out interval period is
32.5 ms ~ 8.224 s if WDT_CLK = 32 kHz.
System kept in reset state for a period of (1 / WDT_CLK) * 63
Supports selectable Watchdog Timer reset delay period, including 1026、130 、18 or 3
WDT_CLK reset delay period.
Supports Watchdog Timer time-out wake-up function when Watchdog Timer clock source is
selected as 32 kHz low-speed oscillator.
Window Watchdog Timer (WWDT)
6.8
6.8.1
Overview
The Window Watchdog Timer is used to perform a system reset within a specified window period
to prevent software run to uncontrollable status by any unpredictable condition.
6.8.2
Features
6-bit down counter CNTDAT (WWDT_CNT[5:0]) and 6-bit compare value CMPDAT
(WWDT_CTL[21:16]) to make the window period flexible
Selectable maximum 11-bit WWDT clock prescale PSCSEL (WWDT_CTL[11:8]) to make
WWDT time-out interval variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com