Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 7Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 9Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 12Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 13Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 14Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
NUC505
July. 26, 2018
Page 11 of 130
Rev.1.08
─
Supports 1 and 4-bit modes
─
Supports 50 MHz to achieve 200 Mbps at 3.3V operation
─
Supports DMA master
Timer
─
Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
─
Independent clock source for each timer
─
Provides One-shot, periodic, toggle and continuous counting operation modes
─
Supports event counting function to count the event from external pin
─
Supports input capture function to capture or reset counter value
Watchdog Timer
─
Supports multiple clock sources from LIRC (default selection), HXT and LXT
─
8 selectable time-out period from 1.6ms ~ 26.0sec (depending on clock source)
─
Interrupt or reset selectable on watchdog time-out
Window Watchdog Timer
─
Supports multiple clock sources from LIRC (default selection), HXT and LXT
─
Window set by 6-bit counter with 11-bit prescale
─
Interrupt or reset selectable on time-out
GPIO
─
Four I/O modes
─
CMOS/Schmitt trigger input selectable
─
I/O pin configured as interrupt source with edge trigger setting
─
Supports 5V-tolerance function (except PA.7~PA.0 and PD.4~PD.2 only support
3.3 V)
─
Supports up to 52/35(34)/25(18) GPIOs for QFN88/LQFP64/LQFP48 respectively
UART
─
Supports up to three UARTs
– UART0, UART1 and UART2
─
Supports 16-byte FIFOs with programmable level trigger with UART0
─
Supports 64-byte FIFOs with programmable level trigger with UART1 and UART2
─
Supports auto flow control (nCTS and nRTS) with UART1 and UART2
─
Supports IrDA (SIR) function
─
Supports RS-485 9-bit mode and direction control
─
UART1 and UART2 support LIN function
─
Programmable baud-rate generator up to 1/16 system clock
─
Supports nCTS and data wake-up function
SPI
─
Supports two sets of SPI controller
– SPI0 and SPI1
─
Supports Master or Slave mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com