Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  NUC505-YO2G Datasheet HTML 1Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 2Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 3Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 4Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 5Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 6Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 7Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
NUC505
July. 26, 2018
Page 5 of 130
Rev.1.08
7.4.1
Specifications of 12-bit SARADC ....................................................... 110
7.4.2
Specifications of 24-bit Delta-Sigma CODEC......................................... 112
7.4.3
Specification of LDO ...................................................................... 113
7.4.4
Specification of Low Voltage Reset .................................................... 114
7.4.5
Specifications of Power-on Reset ...................................................... 114
7.4.6
USB PHY Specifications ................................................................. 116
7.4.7
I
2C Dynamic Characteristics ............................................................. 118
7.4.8
SPI Dynamic Characteristics ............................................................ 119
7.4.9
I
2S Dynamic Characteristics ............................................................. 121
8
APPLICATION CIRCUIT ..............................................................123
9
PACKAGE DIMENSIONS ............................................................124
LQFP 48L (7x7x1.4mm footprint 2.0mm)............................................ 124
9.1
QFN 48 (7x7x0.8mm)................................................................... 125
9.2
LQFP 64L (7x7x1.4mm footprint 2.0mm)............................................ 126
9.3
QFN 88 (10x10x0.9mm)................................................................ 127
9.4
10
REVISION HISTORY ..................................................................129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com