Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 6Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 7Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 9Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 12Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 13Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
NUC505
July. 26, 2018
Page 10 of 130
Rev.1.08
Watchdog timer and wake-up operation
─
Supports 32.768 kHz external low speed crystal oscillator (LXT) for RTC function
and low-power system operation
─
Supports 12 MHz external high speed crystal oscillator (HXT) for precise timing
operation
─
Supports one PLL up to 240 MHz for high performance system operation. The
external high speed crystal oscillator (HXT) is used as the clock source for the
PLL.
I
2S
─
Supports Master or Slave mode operation
─
Internal PLL for frequency adjustment
─
Capable of handling 8-, 16-, 24- and 32-bit word sizes
─
Supports Mono and Stereo audio data
─
Supports PCM mode A, PCM mode B, I
2S and MSB justified data format
─
Each provides two 16-word FIFO data buffers, one for transmitting and the other
for receiving
─
Generates interrupt requests when buffer levels cross a programmable boundary
─
Supports DMA mode
─
Interface with internal or external audio CODEC
Audio CODEC
─
Embedded Stereo 24-bit Sigma-Delta CODEC output
─
ADC-THDN: -80 dB, Dynamic Range SNR: 90 dB (A-Weighted)
─
Headphone Output-THDN:-60dB, Dynamic Range SNR: 93 dB (A-Weighted)
─
Sample Rate: 8 kHz to 96 kHz
USB 2.0 High-speed device
─
12 programmable endpoints for Control, Bulk IN/OUT, Interrupt and Isochronous
transfers
─
2K-byte buffer
─
Auto suspend function
─
Remote wake-up capability
USB 2.0 Full-speed host
─
Fully compliant with USB revision 1.1 specification
─
Open Host Controller Interface (OHCI) revision 1.0 compatible
─
Full-speed (12Mbps) and Low-speed (1.5Mbps) device supported
─
Control, Bulk, Interrupt and Isochronous transfers supported
SD Host Interface
─
Supports SD (Secure Digital) card and SD_HOST interface
─
Compliant with SD Memory Card Specification Version 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com