Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 107 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 107 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 103Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 104Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 105Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 106Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 107Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 108Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 109Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 110Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 111Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 130 page
background image
NUC505
July. 26, 2018
Page 107 of 130
Rev.1.08
SYMBOL
PARAMETER
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
IIDLE1
VDD= 3.3V,
Operating Current
Idle Mode at 12
MHz
-
3.87
-
mA
HXT
RTC
PLL
All digital
module
✔
✕
✕
✔
IIDLE2
-
3.74
-
✔
✕
✕
✕
IPWD
VDD =3.3V,
Standby current
Power-down
(Deep Sleep)mode
700
-
-
uA
HXT
RTC
PLL
RAM retention
✕
✕
✕
✔
Note:
1.
4mA: PA.14, PA.15, PB.0, PB.1, PB.2, PB.3, PB.4, PB.5, PB.6, PB.7, PB.8, PB.9, PB.10, PB.11,
PC.8, PC.9, PC.10, PC.11, PC.12, PD.0, PD.1
2.
8mA: PA.8, PA.9, PA.10, PA.11, PA.12, PA.13, PB.12, PB.13, PB.14, PB.15, PC.0, PC.1, PC.2, PC.3,
PC.4, PC.5, PC.6, PC.7, PC.13, PC.14
3.
Can setting strength for 2mA, 6.5mA, 8.7mA, 13mA, 15.2mA, 19.5mA, 21.7mA, 26.1mA: PA.0, PA.1,
PA.2, PA.3, PA.4, PA.5, PA.6, PA.7, PD.2, PD.3, PD.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com