Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 113 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 113 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 109Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 110Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 111Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 112Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 113Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 114Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 115Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 116Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 117Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 130 page
background image
NUC505
July. 26, 2018
Page 113 of 130
Rev.1.08
Note: The performance measurement is in CODEC only condition (All other module are in reset statue).
7.4.3
Specification of LDO
Symbol
Parameter
Min.
Typ
Max.
Unit
Note
VDD
Input Voltage
1.62
3.3
3.6
V
AVDD_LDO input voltage
VLDO
Output Voltage
-10%
1.2
+10%
V
TA
Temperature
-40
25
85
ECAP
External Capacitor
-
4.7
-
μF
Notes:
1.
It is recommended a 0.1μF bypass capacitor is connected between VDD and the closest VSS pin
of the device.
2.
For ensuring power stability, a 4.7
μF or higher capacitor must be connected between LDO_CAP
pin and the closest VSS pin of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com