Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2G Datasheet(PDF) 123 Page - Nuvoton Technology Corporation

Part # NUC505-YO2G
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2G Datasheet(HTML) 123 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2G Datasheet HTML 119Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 120Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 121Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 122Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 123Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 124Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 125Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 126Page - Nuvoton Technology Corporation NUC505-YO2G Datasheet HTML 127Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 130 page
background image
NUC505
July. 26, 2018
Page 123 of 130
Rev.1.08
8
APPLICATION CIRCUIT
AVSSADC
AVDDCODE
AVCC
DVCC
VSS
0.1uF
FB
FB
Power
Crystal
NUC505
Series
C Device
LDO
RS 232 Transceiver
ROUT
TIN
RIN
TOUT
PC COM Port
0.1uF
UART
RXD
TXD
Speaker
RHP_OUT
LHP_OUT
5VCC
USB HOST
DVCC
10uF/10V
10K
nRESET
12 MHz
crystal
20p
20p
XT1_OUT
XT1_IN
VDD
VSS
I2
CLK
DATA
I2C1_SDA
I2C1_SCL
4.7K
DVCC
4.7K
DVCC
AVDDUSB
nRESET
ICE_DAT
SWD
Interface
AVDDADC
32.768 kHz
crystal
33p
33p
X32_OUT
X32_IN
LDO_CAP
4.7 uF
Reset
Circuit
VDD
VSS
SPI Device
CS
CLK
MISO
SPI1_SS
MOSI
SPI1_CLK
SPI1_MISO
SPI1_MOSI
DVCC
USB Device
USB_VDD33_CAP
1uF
USB_D-
USB_D+
USB_VBUS
AVDDHP
VBAT
VDD
LDO_AVSS
AVSSHP
VDD
10M
1M
AUDIO_R_IN
AUDIO_L_IN
Line In
Curret
Protect
IC
GPIO
USBH_D-
USBH_D+
ICE_CLK
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com