Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
21
Electrical and Thermal Characteristics
The L3_CLK timing diagram is shown in Figure 7.
Figure 7. L3_CLK_OUT Output Timing Diagram
5.2.4
L3 Bus AC Specifications
The MPC7455 L3 interface supports three different types of SRAM: source-synchronous, double data rate (DDR)
MSUG2 SRAM, late write SRAMs, and pipeline burst (PB2) SRAMs. Each requires a different protocol on the L3
interface and a different routing of the L3 clock signals. The type of SRAM is programmed in L3CR[22:23] and the
MPC7455 then follows the appropriate protocol for that type. The designer must connect and route the L3 signals
appropriately for each type of SRAM. Following are some observations about the chip-to-SRAM interface.
The routing for the point-to-point signals (L3_CLK[0:1], L3DATA[0:63], L3DP[0:7], and
L3_ECHO_CLK[0:3]) to a particular SRAM should be delay matched. If necessary, the length of traces can
be altered in order to intentionally skew the timing and provide additional setup or hold time margin.
For a 1-Mbyte L3, use address bits 16:0 (bit 0 is LSB).
No pull-up resistors are required for the L3 interface.
For high speed operations, L3 interface address and control signals should be a ‘T’ with minimal stubs to
the two loads; data and clock signals should be point-to-point to their single load. Figure 8 shows the AC
test load for the L3 interface.
Figure 8. AC Test Load for the L3 Interface
In general, if routing is short, delay-matched, and designed for incident wave reception and minimal reflection, there
is a high probability that the AC timing of the MPC7455 L3 interface will meet the maximum frequency operation
of appropriately chosen SRAMs. This is despite the pessimistic, guard-banded AC specifications (see Table 12,
Table 13, and Table 14), the limitations of functional testers described in Section 5.2.3, “L3 Clock AC
Specifications,” and the uncertainty of clocks and signals which inevitably make worst-case critical path timing
analysis pessimistic.
L3_CLK0
VM
tL3CR
tL3CF
VM
VM
VM
L3_CLK1
VM
VM
tL3_CLK
tCHCL
VM
tL3CSKW1
L3_ECHO_CLK1
L3_ECHO_CLK3
VM
VM
VM
VM
tL3CSKW2
VM
VM
VM
VM
tL3CSKW2
For PB2 or Late Write:
Output
Z0 = 50 Ω
GVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com